Part Number Hot Search : 
R100F 16N500 32024 B0805 4ALVCH16 AON640 AT28C64 NCE3050I
Product Description
Full Text Search
 

To Download T-13211G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 U Interface Transformer (2B1Q Coding Applications)
Designed for use with National TP 3410
Turns Ratio ( + 3 % ) (Line : Chip)
PARAMETER MIN. MAX.
1.50 : 1 Flammability: Materials used in the production of these units meet requirements of UL94-VO and IEC 695-2-2 needle flame test.
Schematic Diagram PR I lin e SEC d e vice
UNITS
Primary Inductance (Line Side)
Pins 4 to 2 with 1 & 5 shorted.
25.4
28.6 20 3.0
mH ohms ohms VRMS
Primary DC Resistance Secondary DC Resistance Isolation (Hi-Pot) DC Bias Return Loss 10KHz & 25 KHz Longitudinal Balance (281 Hz to 40 KHz)
NOTE: Operating Temp. Range -400C to +850C Primary is Line Side (Pins 1,2,4,5) Secondary is Chip Side (Pins 7,8,9) Surge Voltage Capability Metallic Voltage: 800 V peak, 10/560 S Longitudinal Voltage: 2400 V peak, 10/700 S
2000 60 20
mA dB
55
dB
1.070 (27.18) REF. .900 (22.86) REF.
.570 (14.48) MAX.
.470 (11.94) MAX.
1 Top View 2 3
10 9 8 7 6
.920 (23.37) MAX.
.040 (1.02) TYP. .150 (3.81) TYP.
1.19 (30.23)
4 5
.150 (3.81)
Physical Dimensions inches (mm)
.080 (2.03)
.090 (2.29) TYP.
Notch Indicates Pin #1
1.10 (27.94) 1.04 (26.42)
.180 (4.57)
RHOMBUS P/N: T-13211G CUST P/N: DATE: 7/2/96 NAME: SHEET: 1 of 1
Rhombus Industries Inc.
Transformers & Magnetic Products
15801 Chemical Lane, Huntington Beach, CA 92649 Phone: (714) 898-0960 FAX: (714) 896-0971
www.rhombus-ind.com


▲Up To Search▲   

 
Price & Availability of T-13211G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X